PART |
Description |
Maker |
AD801702 AD8017ARZ-REEL |
Low Cost, High Output Current, High Output Voltage Line Driver Dual High Output Current, High Speed Amplifier
|
Analog Devices
|
FOD270LTV FOD073L FOD073LR2 FOD073LR2V FOD073LV FO |
LVTTL/LVCMOS COMPATIBLE LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS 8-Pin SOIC Single-Channel Low Current High Gain Split Darlington Output Optocoupler 8-Pin SOIC Dual-Channel Low Current High Gain Split Darlington Output Optocoupler 8-Pin DIP Single-Channel Low Input Current High Gain Split Darlington Output Optocoupler LVTTL/LVCMOS compatible low input current high gain split darlington optocoupler.
|
Fairchild Semiconductor Corporation
|
ISL8033 ISL8033A ISL8033AIRZ ISL8033IRZ |
Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
CTLSH1-40M832D |
SURFACE MOUNT DUAL, HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
2SC4486 2SA1706 2SC4486T 2SC4486R 2SA1706R |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits High-Current Switching Applications
|
SANYO[Sanyo Semicon Device]
|
AD8392AREZ-REEL7 AD8392AREZ |
Low Power High Output Current Dual Channel ADSL/ADSL2 Line Driver
|
Analog Devices
|
ISL8088 ISL8088IRZ ISL8088IRZ-T |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
CMPSH05-4C10 |
SURFACE MOUNT DUAL, COMMON CATHODE HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
|
Central Semiconductor Corp
|
CMPZDC9V1 CMPZDC10V CMPZDC11V CMPZDC12V CMPZDC13V |
DUAL ZENER DIODE DUAL ZENER DIODE 350mW SMD Zener Diode Dual: Common Cathode From old datasheet system Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 2.7 V, 0.35 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode
|
Central Semiconductor C... CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
AD7507JN AD7507SE AD7507SD/883B AD7507SE/883B AD75 |
7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 400MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 400MHz Current Feedback Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 8-Channel Analog Multiplexer Nanopower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Single 400MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 8通道模拟多路复用
|
Analog Devices, Inc.
|